PART |
Description |
Maker |
ZL8801ALAFTK |
Dual Phase PMBus?ChargeMode?Control DC/DC Digital Controller
|
Renesas Electronics Corporation
|
ISL68124 ISL68124IRAZ |
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
|
Renesas Electronics Corporation
|
ZL8801ALAFTK ZL8801-2PH-DEMO1Z ZL8801-4PH-DEMO1Z Z |
Dual Phase PMBus?ChargeMode?Control DC/DC Digital Controller Dual Phase PMBus?ChargeMode?Control DC/DC Digital Controller
|
Intersil Corporation
|
RT8876A |
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
|
Richtek Technology Corporation
|
FDMS9600S08 FDMS9600S FDMS9600S-08 |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET Dual N-Channel PowerTrench㈢ MOSFET Dual N-Channel PowerTrench庐 MOSFET
|
Fairchild Semiconductor
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
SC2446AITSTRT SC2446AEVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
NCP4200 NCP4200MNR2G |
Programmable Multi-Phase Synchronous Buck Converter with PMBus
|
Rectron Semiconductor
|
FDS9933BZ |
-20V Dual P-Channel 2.5V Specified PowerTrenchMOSFET Dual P-Channel 2.5V Specified PowerTrench㈢ MOSFET Dual P-Channel 2.5V Specified PowerTrench? MOSFET
|
Fairchild Semiconductor
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|